|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
blm series linear motors world headquarters: aerotech, inc., 101 zeta drive, pittsburgh, pa 15238, usa +1-412-963-7470 fax: +1-412-963-7459 aerotech ltd., jupiter house, calleva park, aldermaston, berkshire rg7 8nn, uk +44-118-9409400 fax: +44-118-9409401 aerotech gmbh, sdwestpark 90, 90449 nrnberg, germany +49-911-9679370 fax: +49-911-96793720 www.aerotech.com blm series linear motors aerotech?s ?u-channel? blm series linear motors are 86.4 mm x 34.3 mm in cross section and have proven ideal for both high-accuracy and high-throughput applications. blm series motors are direct drive and consist of a noncontacting forcer coil and ?u-channel? rare-earth magnet track. this design eliminates backlash, windup, wear and maintenance issues associated with ball screws, belts, and rack and pinions. the noncontact design of the forcer and magnet track results in a maintenance-free system. high output force in an 86.4 mm x 34.3 mm cross section continuous force to 397.6 n (89.4 lb); peak force to 1590.4 n (357.5 lb) high-energy rare-earth magnets used in magnet tracks for high acceleration capability non-magnetic forcer coil provides high force with zero cogging for super-smooth velocity and position control the compact moving forcer coil assembly contains hall- effect devices, and a thermal sensor, and is constructed of reinforced ceramic epoxy. this ironless design eliminates eddy-current losses that otherwise would limit speed and produce additional heat. for highest rms force, optional air cooling is available. offering high peak forces in its standard configuration, blm motors are available with special high-power magnets that can increase output force. the blm series nonmagnetic forcer eliminates cogging and magnetic attraction to allow for extremely smooth motion and very tight velocity and position control. these linear motors are ideal for any application that requires high levels of positioning resolution and accuracy. blm series linear motors are forgiving to align, easy to assemble, and keep the magnetic field well-contained. magnet tracks are stackable for any travel length. they are also suited for cleanroom use as they produce no particulates. the blm can be driven using standard aerotech brushless amplifiers and controllers to provide a complete integrated system. the blm is shown with aerotech?s linear motor line. free datasheet http://
linear motors blm series world headquarters: aerotech, inc., 101 zeta drive, pittsburgh, pa 15238, usa +1-412-963-7470 fax: +1-412-963-7459 aerotech ltd., jupiter house, calleva park, aldermaston, berkshire rg7 8nn, uk +44-118-9409400 fax: +44-118-9409401 aerotech gmbh, sdwestpark 90, 90449 nrnberg, germany +49-911-9679370 fax: +49-911-96793720 www.aerotech.com l e d o m r o t o m ) k c a r t t e n g a m p - s e m u s s a ( s t i n u 2 4 1 - m l b 3 0 2 - m l b 4 6 2 - m l b 5 2 3 - m l b 6 8 3 - m l b s n o i t a c i f i c e p s e c n a m r o f r e p ) 5 , 1 ( ) i s p 0 2 ( r a b 4 . 1 , e c r o f s u o u n i t n o c ) 2 ( ) b l ( n) 9 . 8 3 ( 2 . 3 7 1) 6 . 6 5 ( 6 . 1 5 2) 8 . 7 6 ( 7 . 1 0 3) 7 . 4 7 ( 2 . 2 3 3) 4 . 9 8 ( 6 . 7 9 3 r i a o n , e c r o f s u o u n i t n o c ) 2 ( ) b l ( n) 8 . 4 2 ( 5 . 0 1 1) 5 . 4 3 ( 3 . 3 5 1) 3 . 4 4 ( 2 . 7 9 1) 9 . 1 5 ( 7 . 0 3 2) 8 . 7 5 ( 3 . 7 5 2 e c r o f k a e p ) 3 ( ) b l ( n) 7 . 5 5 1 ( 7 . 2 9 6) 3 . 6 2 2 ( 4 . 6 0 0 1) 3 . 1 7 2 ( 6 . 6 0 2 1) 7 . 8 9 2 ( 6 . 8 2 3 1) 5 . 7 5 3 ( 4 . 0 9 5 1 s n o i t a c i f i c e p s l a c i r t c e l e ) 5 ( n o i t a n g i s e d g n i d n i w a - ) t p o ( b - a - ) t p o ( b - a - ) t p o ( b - a - ) t p o ( b - a - ) t p o ( b - ) x a m , e n i l - e n i l ( t n a t s n o c f m e b s / m / v ) s / n i / v ( 6 9 . 0 4 ) 4 0 . 1 ( 8 4 . 0 2 ) 2 5 . 0 ( 4 2 . 3 3 ) 4 8 . 0 ( 9 4 . 6 6 ) 9 6 . 1 ( 6 4 . 4 4 ) 3 1 . 1 ( 1 9 . 8 8 ) 6 2 . 2 ( 3 0 . 3 5 ) 5 3 . 1 ( 6 0 . 6 0 1 ) 9 6 . 2 ( 1 2 . 7 6 ) 1 7 . 1 ( 2 4 . 4 3 1 ) 1 4 . 3 ( i s p 0 2 , r a b 4 . 1 , t n e r r u c s u o u n i t n o c ) 2 ( p m a k p (p m a s m r ) 6 8 . 4 ) 4 4 . 3 ( 2 7 . 9 ) 7 8 . 6 ( 0 7 . 8 ) 5 1 . 6 ( 5 3 . 4 ) 8 0 . 3 ( 0 8 . 7 ) 2 5 . 5 ( 0 9 . 3 ) 6 7 . 2 ( 0 2 . 7 ) 9 0 . 5 ( 0 6 . 3 ) 5 5 . 2 ( 0 8 . 6 ) 1 8 . 4 ( 0 4 . 3 ) 0 4 . 2 ( r i a o n , t n e r r u c s u o u n i t n o c ) 2 ( p m a k p p m a ( s m r ) 0 1 . 3 ) 9 1 . 2 ( 0 2 . 6 ) 8 3 . 4 ( 0 3 . 5 ) 5 7 . 3 ( 5 6 . 2 ) 7 8 . 1 ( 0 1 . 5 ) 1 6 . 3 ( 5 5 . 2 ) 0 8 . 1 ( 0 0 . 5 ) 4 5 . 3 ( 0 5 . 2 ) 7 7 . 1 ( 0 4 . 4 ) 1 1 . 3 ( 0 2 . 2 ) 6 5 . 1 ( l l a t s , t n e r r u c k a e p ) 3 ( p m a k p p m a ( s m r ) 4 4 . 9 1 ) 5 7 . 3 1 ( 8 8 . 8 3 ) 9 4 . 7 2 ( 0 8 . 4 3 ) 1 6 . 4 2 ( 0 4 . 7 1 ) 0 3 . 2 1 ( 0 2 . 1 3 ) 6 0 . 2 2 ( 0 6 . 5 1 ) 3 0 . 1 1 ( 0 8 . 8 2 ) 6 3 . 0 2 ( 0 4 . 4 1 ) 8 1 . 0 1 ( 0 2 . 7 2 ) 3 2 . 9 1 ( 0 6 . 3 1 ) 2 6 . 9 ( e v i r d e n i s , t n a t s n o c e c r o f ) 8 , 4 ( p m a / n k p p m a / b l ( k p ) 3 6 . 5 3 ) 1 0 . 8 ( 2 8 . 7 1 ) 1 0 . 4 ( 2 9 . 8 2 ) 0 5 . 6 ( 4 8 . 7 5 ) 0 0 . 3 1 ( 7 6 . 8 3 ) 9 6 . 8 ( 5 3 . 7 7 ) 9 3 . 7 1 ( 3 1 . 6 4 ) 7 3 . 0 1 ( 7 2 . 2 9 ) 4 7 . 0 2 ( 7 4 . 8 5 ) 5 1 . 3 1 ( 4 9 . 6 1 1 ) 9 2 . 6 2 ( p m a / n s m r p m a / b l ( s m r ) 9 3 . 0 5 ) 3 3 . 1 1 ( 0 2 . 5 2 ) 6 6 . 5 ( 0 9 . 0 4 ) 9 1 . 9 ( 0 8 . 1 8 ) 9 3 . 8 1 ( 9 6 . 4 5 ) 0 3 . 2 1 ( 9 3 . 9 0 1 ) 9 5 . 4 2 ( 4 2 . 5 6 ) 7 6 . 4 1 ( 8 4 . 0 3 1 ) 4 3 . 9 2 ( 9 6 . 2 8 ) 9 5 . 8 1 ( 8 3 . 5 6 1 ) 8 1 . 7 3 ( t n a t s n o c r o t o m ) 4 , 2 ( / n w / b l ( ) w 3 5 . 0 1 ) 7 3 . 2 ( 1 1 . 4 1 ) 7 1 . 3 ( 9 3 . 6 1 ) 9 6 . 3 ( 6 6 . 7 1 ) 7 9 . 3 ( 7 1 . 0 2 ) 4 5 . 4 ( ) e n i l - e n i l ( c 5 2 , e c n a t s i s e r s m h o9 . 0 17 . 20 . 40 . 6 13 . 52 . 1 25 . 60 . 6 20 . 80 . 2 3 ) e n i l - e n i l ( e c n a t c u d n i h m0 7 . 88 1 . 20 2 . 30 8 . 2 10 2 . 40 8 . 6 10 2 . 50 8 . 0 20 2 . 60 8 . 4 2 i s p 0 2 , r a b 4 . 1 , e c n a t s i s e r l a m r e h t w / c 7 3 . 01 3 . 00 3 . 08 2 . 06 2 . 0 g n i l o o c o n , e c n a t s i s e r l a m r e h t w / c 1 9 . 05 8 . 09 6 . 09 5 . 01 6 . 0 e g a t l o v s u b m u m i x a m c d v0 4 30 4 30 4 30 4 30 4 3 s n o i t a c i f i c e p s l a c i n a h c e m i s p 0 2 , w o l f r i a m 3 s / m f c s 0 1 x 7 . 1 -3 5 . 3 0 1 x 5 . 1 -3 2 . 3 0 1 x 6 . 1 3 - 3 . 3 0 1 x 6 . 1 3 - 3 . 3 0 1 x 6 . 1 3 - 4 . 3 t h g i e w l i o c ) b l ( g k) 2 3 . 1 ( 0 6 . 0) 8 9 . 1 ( 0 9 . 0) 2 4 . 2 ( 0 1 . 1) 8 0 . 3 ( 0 4 . 1) 4 7 . 3 ( 0 7 . 1 h t g n e l l i o c ) n i ( m m) 0 6 . 5 ( 2 . 2 4 1) 0 0 . 8 ( 2 . 3 0 2) 0 4 . 0 1 ( 2 . 4 6 2) 0 8 . 2 1 ( 1 . 5 2 3) 0 2 . 5 1 ( 1 . 6 8 3 k n i s t a e h m m ) n i ( 5 2 x 0 5 2 x 0 5 2 ) 1 x 0 1 x 0 1 ( 5 2 x 0 5 2 x 0 5 2 ) 1 x 0 1 x 0 1 ( 5 2 x 0 5 2 x 0 5 2 ) 1 x 0 1 x 0 1 ( 5 2 x 0 0 4 x 0 5 2 ) 1 x 6 1 x 0 1 ( 5 2 x 0 0 4 x 0 5 2 ) 1 x 6 1 x 0 1 ( t h g i e w k c a r t t e n g a m ) t f / b l ( m / g k) 2 2 . 7 ( 6 7 . 0 1) 2 2 . 7 ( 6 7 . 0 1) 2 2 . 7 ( 6 7 . 0 1) 2 2 . 7 ( 6 7 . 0 1) 2 2 . 7 ( 6 7 . 0 1 h c t i p e l o p c i t e n g a m ) n i ( m m) 0 2 . 1 ( 8 4 . 0 3) 0 2 . 1 ( 8 4 . 0 3) 0 2 . 1 ( 8 4 . 0 3) 0 2 . 1 ( 8 4 . 0 3) 0 2 . 1 ( 8 4 . 0 3 : s e t o n . e r u t a r e p m e t t n e i b m a d n a , s n o i t i d n o c g n i l o o c m e t s y s , n o i t a r u g i f n o c k n i s t a e h n o p u t n e d n e p e d s i e c n a m r o f r e p . 1 . k n i s t a e h m u n i m u l a d e i f i c e p s e h t o t d e t n u o m r o t o m h t i w , e r u t a r e p m e t t n e i b m a c 5 2 a e v o b a e s i r c 0 0 1 @ n w o h s s e u l a v . 2 . h c e t o r e a t l u s n o c ; t n e r r u c s m r t c e r r o c s e m u s s a e c r o f k a e p . 3 . l l a t s t a d e i f i c e p s t n a t s n o c r o t o m d n a t n a t s n o c e c r o f . 4 . % 0 1 s n o i t a c i f i c e p s l a c i r t c e l e d n a e c n a m r o f r e p l l a . 5 . c 5 2 1 s i e r u t a r e p m e t g n i d n i w m u m i x a m . 6 . s e r u t a r e p m e t t n e i b m a d e t a v e l e n i e c n a m r o f r e p r o f h c e t o r e a t l u s n o c . c 5 2 - c 0 e g n a r e r u t a r e p m e t g n i t a r e p o t n e i b m a . 7 a d e t a r e r a s r e i f i l p m a h c e t o r e a l l a . 8 k p a / m - n n i t n a t s n o c e u q r o t e s u ; k p . g n i z i s n e h w blm series specifications blm linear motors are used in a high-performance aerotech air-bearing system. free datasheet http:// blm series linear motors world headquarters: aerotech, inc., 101 zeta drive, pittsburgh, pa 15238, usa +1-412-963-7470 fax: +1-412-963-7459 aerotech ltd., jupiter house, calleva park, aldermaston, berkshire rg7 8nn, uk +44-118-9409400 fax: +44-118-9409401 aerotech gmbh, sdwestpark 90, 90449 nrnberg, germany +49-911-9679370 fax: +49-911-96793720 www.aerotech.com l e d o m r o t o m ) k c a r t t e n g a m s - s e m u s s a ( s t i n u 2 4 1 - m l b 3 0 2 - m l b 4 6 2 - m l b 5 2 3 - m l b 6 8 3 - m l b s n o i t a c i f i c e p s e c n a m r o f r e p ) 5 , 1 ( ) i s p 0 2 ( r a b 4 . 1 , e c r o f s u o u n i t n o c ) 2 ( ) b l ( n) 5 . 4 2 ( 9 . 8 0 1) 6 . 5 3 ( 2 . 8 5 1) 6 . 2 4 ( 6 . 9 8 1) 9 . 6 4 ( 8 . 8 0 2) 2 . 6 5 ( 0 . 0 5 2 r i a o n , e c r o f s u o u n i t n o c ) 2 ( ) b l ( n) 6 . 5 1 ( 4 . 9 6) 7 . 1 2 ( 4 . 6 9) 9 . 7 2 ( 0 . 4 2 1) 6 . 2 3 ( 0 . 5 4 1) 4 . 6 3 ( 7 . 1 6 1 e c r o f k a e p ) 3 ( ) b l ( n) 9 . 7 9 ( 5 . 5 3 4) 2 . 2 4 1 ( 7 . 2 3 6) 5 . 0 7 1 ( 6 . 8 5 7) 8 . 7 8 1 ( 3 . 5 3 8) 8 . 4 2 2 ( 8 . 9 9 9 s n o i t a c i f i c e p s l a c i r t c e l e ) 5 ( n o i t a n g i s e d g n i d n i w a - ) t p o ( b - a - ) t p o ( b - a - ) t p o ( b - a - ) t p o ( b - a - ) t p o ( b - ) x a m , e n i l - e n i l ( t n a t s n o c f m e b s / m / v ) s / n i / v ( 5 7 . 5 2 ) 5 6 . 0 ( 8 8 . 2 1 ) 3 3 . 0 ( 0 9 . 0 2 ) 3 5 . 0 ( 0 8 . 1 4 ) 6 0 . 1 ( 5 9 . 7 2 ) 1 7 . 0 ( 0 9 . 5 5 ) 2 4 . 1 ( 4 3 . 3 3 ) 5 8 . 0 ( 8 6 . 6 6 ) 9 6 . 1 ( 5 2 . 2 4 ) 7 0 . 1 ( 1 5 . 4 8 ) 5 1 . 2 ( i s p 0 2 , r a b 4 . 1 , t n e r r u c s u o u n i t n o c ) 2 ( p m a k p (p m a s m r ) 6 8 . 4 ) 4 4 . 3 ( 2 7 . 9 ) 7 8 . 6 ( 0 7 . 8 ) 5 1 . 6 ( 5 3 . 4 ) 8 0 . 3 ( 0 8 . 7 ) 2 5 . 5 ( 0 9 . 3 ) 6 7 . 2 ( 0 2 . 7 ) 9 0 . 5 ( 0 6 . 3 ) 5 5 . 2 ( 0 8 . 6 ) 1 8 . 4 ( 0 4 . 3 ) 0 4 . 2 ( r i a o n , t n e r r u c s u o u n i t n o c ) 2 ( p m a k p p m a ( s m r ) 0 1 . 3 ) 9 1 . 2 ( 0 2 . 6 ) 8 3 . 4 ( 0 3 . 5 ) 5 7 . 3 ( 5 6 . 2 ) 7 8 . 1 ( 0 1 . 5 ) 1 6 . 3 ( 5 5 . 2 ) 0 8 . 1 ( 0 0 . 5 ) 4 5 . 3 ( 0 5 . 2 ) 7 7 . 1 ( 0 4 . 4 ) 1 1 . 3 ( 0 2 . 2 ) 6 5 . 1 ( l l a t s , t n e r r u c k a e p ) 3 ( p m a k p p m a ( s m r ) 4 4 . 9 1 ) 5 7 . 3 1 ( 8 8 . 8 3 ) 9 4 . 7 2 ( 0 8 . 4 3 ) 1 6 . 4 2 ( 0 4 . 7 1 ) 0 3 . 2 1 ( 0 2 . 1 3 ) 6 0 . 2 2 ( 0 6 . 5 1 ) 3 0 . 1 1 ( 0 8 . 8 2 ) 6 3 . 0 2 ( 0 4 . 4 1 ) 8 1 . 0 1 ( 0 2 . 7 2 ) 3 2 . 9 1 ( 0 6 . 3 1 ) 2 6 . 9 ( e v i r d e n i s , t n a t s n o c e c r o f ) 8 , 4 ( p m a / n k p p m a / b l ( k p ) 0 4 . 2 2 ) 4 0 . 5 ( 0 2 . 1 1 ) 2 5 . 2 ( 8 1 . 8 1 ) 9 0 . 4 ( 6 3 . 6 3 ) 7 1 . 8 ( 1 3 . 4 2 ) 7 4 . 5 ( 3 6 . 8 4 ) 3 9 . 0 1 ( 0 0 . 9 2 ) 2 5 . 6 ( 1 0 . 8 5 ) 4 0 . 3 1 ( 6 7 . 6 3 ) 6 2 . 8 ( 2 5 . 3 7 ) 3 5 . 6 1 ( p m a / n s m r p m a / b l ( s m r ) 8 6 . 1 3 ) 2 1 . 7 ( 4 8 . 5 1 ) 6 5 . 3 ( 1 7 . 5 2 ) 8 7 . 5 ( 2 4 . 1 5 ) 6 5 . 1 1 ( 8 3 . 4 3 ) 3 7 . 7 ( 7 7 . 8 6 ) 6 4 . 5 1 ( 2 0 . 1 4 ) 2 2 . 9 ( 3 0 . 2 8 ) 4 4 . 8 1 ( 8 9 . 1 5 ) 9 6 . 1 1 ( 7 9 . 3 0 1 ) 7 3 . 3 2 ( t n a t s n o c r o t o m ) 4 , 2 ( / n w / b l ( ) w 2 6 . 6 ) 9 4 . 1 ( 7 8 . 8 ) 9 9 . 1 ( 1 3 . 0 1 ) 2 3 . 2 ( 0 1 . 1 1 ) 0 5 . 2 ( 8 6 . 2 1 ) 5 8 . 2 ( ) e n i l - e n i l ( c 5 2 , e c n a t s i s e r s m h o9 . 0 17 . 20 . 40 . 6 13 . 52 . 1 25 . 60 . 6 20 . 80 . 2 3 ) e n i l - e n i l ( e c n a t c u d n i h m7 . 82 . 22 . 38 . 2 12 . 48 . 6 12 . 58 . 0 22 . 68 . 4 2 i s p 0 2 , r a b 4 . 1 , e c n a t s i s e r l a m r e h t w / c 7 3 . 01 3 . 00 3 . 08 2 . 06 2 . 0 g n i l o o c o n , e c n a t s i s e r l a m r e h t w / c 1 9 . 05 8 . 09 6 . 09 5 . 01 6 . 0 e g a t l o v s u b m u m i x a m c d v0 4 30 4 30 4 30 4 30 4 3 s n o i t a c i f i c e p s l a c i n a h c e m i s p 0 2 , w o l f r i a m 3 s / m f c s 0 1 x 7 . 1 -3 5 . 3 0 1 x 5 . 1 -3 2 . 3 0 1 x 6 . 1 3 - 3 . 3 0 1 x 6 . 1 3 - 3 . 3 0 1 x 6 . 1 3 - 4 . 3 t h g i e w l i o c ) b l ( g k) 2 3 . 1 ( 0 6 . 0) 8 9 . 1 ( 0 9 . 0) 2 4 . 2 ( 0 1 . 1) 8 0 . 3 ( 0 4 . 1) 4 7 . 3 ( 0 7 . 1 h t g n e l l i o c ) n i ( m m) 0 6 . 5 ( 2 . 2 4 1) 0 0 . 8 ( 2 . 3 0 2) 0 4 . 0 1 ( 2 . 4 6 2) 0 8 . 2 1 ( 1 . 5 2 3) 0 2 . 5 1 ( 1 . 6 8 3 k n i s t a e h m m ) n i ( 5 2 x 0 5 2 x 0 5 2 ) 1 x 0 1 x 0 1 ( 5 2 x 0 5 2 x 0 5 2 ) 1 x 0 1 x 0 1 ( 5 2 x 0 5 2 x 0 5 2 ) 1 x 0 1 x 0 1 ( 5 2 x 0 0 4 x 0 5 2 ) 1 x 6 1 x 0 1 ( 5 2 x 0 0 4 x 0 5 2 ) 1 x 6 1 x 0 1 ( t h g i e w k c a r t t e n g a m ) t f / b l ( m / g k) 2 2 . 7 ( 6 7 . 0 1) 2 2 . 7 ( 6 7 . 0 1) 2 2 . 7 ( 6 7 . 0 1) 2 2 . 7 ( 6 7 . 0 1) 2 2 . 7 ( 6 7 . 0 1 h c t i p e l o p c i t e n g a m ) n i ( m m) 0 2 . 1 ( 8 4 . 0 3) 0 2 . 1 ( 8 4 . 0 3) 0 2 . 1 ( 8 4 . 0 3) 0 2 . 1 ( 8 4 . 0 3) 0 2 . 1 ( 8 4 . 0 3 : s e t o n . e r u t a r e p m e t t n e i b m a d n a , s n o i t i d n o c g n i l o o c m e t s y s , n o i t a r u g i f n o c k n i s t a e h n o p u t n e d n e p e d s i e c n a m r o f r e p . 1 . k n i s t a e h m u n i m u l a d e i f i c e p s e h t o t d e t n u o m r o t o m h t i w , e r u t a r e p m e t t n e i b m a c 5 2 a e v o b a e s i r c 0 0 1 @ n w o h s s e u l a v . 2 . h c e t o r e a t l u s n o c ; t n e r r u c s m r t c e r r o c s e m u s s a e c r o f k a e p . 3 . l l a t s t a d e i f i c e p s t n a t s n o c r o t o m d n a t n a t s n o c e c r o f . 4 . % 0 1 s n o i t a c i f i c e p s l a c i r t c e l e d n a e c n a m r o f r e p l l a . 5 . c 5 2 1 s i e r u t a r e p m e t g n i d n i w m u m i x a m . 6 . s e r u t a r e p m e t t n e i b m a d e t a v e l e n i e c n a m r o f r e p r o f h c e t o r e a t l u s n o c . c 5 2 - c 0 e g n a r e r u t a r e p m e t g n i t a r e p o t n e i b m a . 7 a d e t a r e r a s r e i f i l p m a h c e t o r e a l l a . 8 k p a / m - n n i t n a t s n o c e u q r o t e s u ; k p . g n i z i s n e h w blm series specifications free datasheet http:// linear motors blm series world headquarters: aerotech, inc., 101 zeta drive, pittsburgh, pa 15238, usa +1-412-963-7470 fax: +1-412-963-7459 aerotech ltd., jupiter house, calleva park, aldermaston, berkshire rg7 8nn, uk +44-118-9409400 fax: +44-118-9409401 aerotech gmbh, sdwestpark 90, 90449 nrnberg, germany +49-911-9679370 fax: +49-911-96793720 www.aerotech.com @,%0 !1ab1+ @,%0 )a1+ @,%0 )a1+ "0#$%$ ,0",'( 56 # #& #! #!, #& - " "!! "&, ") ! " , & ( ! & ) #+. + "& " , , (* (* &! (* (*"! 56 !a, &)a& !,a ! &a &a, a &!a a" "! a " , "! , & !& )! "", ""&a, ))a ,a, "a, !,a !a ,a" "a, " " ") c (1+ (*,& " ,&a" "! &a& ", )& !a, # ! ! &,a& b & & & " " - #+.805$ +805$ #+. + 1: -0000 "2, 3#%0 !" "&& " ,) -07 !" & +805$ +0$ -07 &, & #+. 0$ ,&!! #0$ 7 7 " &" &"! &"! ", &"! c & )) &" ! #/ #+.2++ &! 105 ",a ! "!)a) " "")a! ) ,,a) ,a! 00*000+$ &" ! & & 6- 7 6- 6- , a & )&a , &" ! #/ " " blm series dimensions free datasheet http:// blm series linear motors world headquarters: aerotech, inc., 101 zeta drive, pittsburgh, pa 15238, usa +1-412-963-7470 fax: +1-412-963-7459 aerotech ltd., jupiter house, calleva park, aldermaston, berkshire rg7 8nn, uk +44-118-9409400 fax: +44-118-9409401 aerotech gmbh, sdwestpark 90, 90449 nrnberg, germany +49-911-9679370 fax: +49-911-96793720 www.aerotech.com e l p m a x e g n i r e d r o m l b 2 4 1 - a - s e i r e s r o t o m h t g n e l l i o c r e c r o f g n i d n i w d r a d n a t s m m 6 8 3 , m m 5 2 3 , m m 4 6 2 , m m 3 0 2 , m m 2 4 1 d t s s d a e l g n i y l f ) t f 5 . 2 ( m c 6 7 brushless linear servomotors - blm series compact u channel forcer coils BLM-142-a linear motor coil, with hed, air cooling and temperature switch, fcont = 173.2 n (38.9 lb) @ 20 psi blm-203-a linear motor coil, with hed, air cooling and temperature switch, fcont = 251.6 n (56.6 lb) @ 20 psi blm-264-a linear motor coil, with hed, air cooling and temperature switch, fcont = 301.7 n (67.8 lb) @ 20 psi blm-325-a linear motor coil, with hed, air cooling and temperature switch, fcont = 332.2 n (74.7 lb) @ 20 psi blm-386-a linear motor coil, with hed, air cooling and temperature switch, fcont = 397.6 n (89.4 lb) @ 20 psi blm options -lh remove hed sensor from blm series forcer coil -hf high-flex cable -uhv ultra-high vacuum prepared -v vacuum prepared -b optional winding u channel magnet tracks C mt series for blm motors mt240-x compact ?u? channel magnet track for use with blm forcer coil, 244 mm (9.6 in) length mt300-x compact ?u? channel magnet track for use with blm forcer coil, 305 mm (12.0 in) length mt360-x compact ?u? channel magnet track for use with blm forcer coil, 366 mm (14.4 in) length mt420-x compact ?u? channel magnet track for use with blm forcer coil, 427 mm (16.8 in) length mt480-x compact ?u? channel magnet track for use with blm forcer coil, 487 mm (19.2 in) length mt600-x compact ?u? channel magnet track for use with blm forcer coil, 610 mm (24.0 in) length mtx custom track lengths available; please consult factory note: x = -s or -p (see specification tables for differences) -hs high strength magnets blm series ordering information free datasheet http:// |
Price & Availability of BLM-142 |